Part Number Hot Search : 
AAT11 KK70F160 MJ11033 3236T 18R01 SK1050 CM1000 67060
Product Description
Full Text Search
 

To Download A6E-4101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
DIP Switch
DIP Switch H The sealed bottom prevents flux
penetration
A6E/A6ER
H A variety of models including models
with short or long levers are available
Ordering Information
No. of poles Flat actuated DIP terminal Raised actuator DIP terminal Side actuated (short-lever) DIP terminal Side actuated (long-lever) DIP terminal
2 3 4 5 6 7 8 9 10
A6E-2101 A6E-3101 A6E-4101 A6E-5101 A6E-6101 A6E-7101 A6E-8101 A6E-9101 A6E-0101
A6E-2104 A6E-3104 A6E-4104 A6E-5104 A6E-6104 A6E-7104 A6E-8104 A6E-9104 A6E-0104
A6ER-2101 A6ER-3101 A6ER-4101 A6ER-5101 A6ER-6101 A6ER-7101 A6ER-8101 A6ER-9101 A6ER-0101
A6ER-2104 A6ER-3104 A6ER-4104 A6ER-5104 A6ER-6104 A6ER-7104 A6ER-8104 A6ER-9104 A6ER-0104
Important note: Switches cannot be water-washed.
A6E/A6ER
A6E/A6ER
Specifications
J CHARACTERISTICS
Switching capacity Insulation resistance Contact resistance Dielectric strength Vibration resistance Shock resistance Life expectancy Ambient temperature Ambient humidity Operating force Mechanical Electrical Operating Operating 25 mA at 24 VDC 100 MW min. (at 250 VDC) 200 mW max. (initial value) 500 VAC for 1 min between terminals of same polarity, and between terminals of different polarity Malfunction: 10 to 55 Hz, 1.5-mm double amplitude Malfunction: 300 m/s2 min. (approx. 30G min.) 1,000 operations min. 1,000 operations min. -20C to 70C (with no icing) 35% to 90% 0.29 N min. (30 gf)
Dimensions
Unit: mm (inch) Note: Unless otherwise specified, a tolerance of 0.4 mm applies to all dimensions.
J FLAT ACTUATED WITH DIP TERMINAL A6E-j101
PCB Dimensions (Top View)
1.00.05 dia.
Flat Actuated
Raised Actuator
J RAISED ACTUATOR WITH DIP TERMINAL A6E-j104
No. of poles 2 3 4 5 6 7 8 9 10
Part number A6E-2101 A6E-3101 A6E-4101 A6E-5101 A6E-6101 A6E-7101 A6E-8101 A6E-9101 A6E-0101 A6E-2104 A6E-3104 A6E-4104 A6E-5104 A6E-6104 A6E-7104 A6E-8104 A6E-9104 A6E-0104
A 6.64 9.18 11.72 14.26 16.80 19.34 21.88 24.42 26.96
200
A6E/A6ER
A6E/A6ER
J DIP TERMINAL SIDE ACTUATED (SHORT-LEVER) A6ER-j101
PCB Dimensions (Top View)
1.00.05 dia.
Side Actuated (short-lever)
Side Actuated (long-lever)
J SIDE ACTUATED (LONG-LEVER) A6ER-j104
No. of poles 2 3 4 5 6 7 8 9 10
Part number A6ER-2101 A6ER-3101 A6ER-4101 A6ER-5101 A6ER-6101 A6ER-7101 A6ER-8101 A6ER-9101 A6ER-0101 A6ER-2104 A6ER-3104 A6ER-4104 A6ER-5104 A6ER-6104 A6ER-7104 A6ER-8104 A6ER-9104 A6ER-0104
A 6.64 9.18 11.72 14.26 16.80 19.34 21.88 24.42 26.96
201
A6E/A6ER
A6E/A6ER
Installation
J INTERNAL CONNECTIONS (TOP VIEW)
Precautions
J CIRCUIT DESIGN
Use the DIP Switch within the rated voltage and current ranges, otherwise the DIP Switch may have a shortened life expectancy, radiate heat, or burn out.
Manual Soldering
Soldering temperature: 350C at the tip of the soldering iron. Soldering time: 3 s max. for a 1.6-mm thick, single-side PCB Set the pins of the DIP Switch to OFF before soldering the DIP Switch. Before soldering the DIP Switch on a PCB, make sure that there is no unnecessary space between the DIP Switch and PCB. Before soldering the DIP Switch on a multilayer PCB, make sure that the DIP Switch will not bedeformed by the solderingheat onthe pattern or land of the multilayer PCB. Do not solder the DIP Switch more thantwice includingrectification soldering. An interval of five minutes is required between the first and second solderings. Make sure that there is no flux rise on the surface of the PCB.
PCB surface Flux
J MOUNTING
Do not operate the DIP Switch while mounting, soldering, or washing the DIP Switch, otherwise the DIP Switch may deform due the heat of the solder, the DIP Switch may malfunction due to the penetration of the washing agent, or the machine incorporating the DIP Switch may operate or be set incorrectly. An automatic insertion machine incorporating a body stopper is available for mounting the DIP Switch. When usingan automatic insertion machine incorporating a half-lead stopper to mount the DIP Switch, make sure that the automatic insertion machine will not deform the terminals of the DIP Switch, otherwise the improper insertion of the DIP Switch may result.
J SOLDERING
Observe the following conditions when soldering the DIP Switch.
Automatic Soldering Bath
Soldering temperature: 260C max. Soldering time: 5 s max. for a 1.6-mm thick, single-side PCB
J WASHING
The A6E/A6ER DIP Switches are not washable.
Reflow Soldering
J HANDLING
Soldering temperature (C)
2 minutes max.
Soldering time 20 seconds max.
Donot apply excessiveoperatingforceto theDIP Switch, otherwise the DIP Switch may be damaged or deformed, thus causing the switch mechanism to malfunction as a result. Apply an operating force not exceeding 200% of the maximum rated operating force to the DIP Switch. Set the DIP Switch incorporating slide pins with a tiny, rounded object, such as the tip of a ball-point pen or small screwdriver. Do not set the DIP Switch using tweezers or any other sharp object, which may damage the DIP Switch. Do not set the DIP Switch using the point of a mechanical pencil, otherwise lead powder or fragments may fall into the DIP Switch and internal circuit board, causing the DIPSwitchtomalfunctionand reducingthe dielectric strength of the circuit board.
202
A6ER
A6ER
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
R
One East Commerce Drive Schaumburg, IL 60173
OMRON ELECTRONICS LLC
OMRON ON-LINE
Global - http://www.omron.com USA - http://www.omron.com/oei Canada - http://www.omron.com/oci Specifications subject to change without notice.
OMRON CANADA, INC.
1-800-55-OMRON
Cat. No. GC SW6
416-286-6465
885 Milner Avenue Scarborough, Ontario M1B 5V8
04/01
Printed in U.S.A.


▲Up To Search▲   

 
Price & Availability of A6E-4101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X